Part Number Hot Search : 
AIC1117A DB301 GFWE2 BT606 UDN2580A RNA51957 1N5261B CDB5342
Product Description
Full Text Search
 

To Download AWU6602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05/2009 AWU6602 help3 tm band 2/wcdma 3.4 v/29 dbm linear pa module advanced product information - rev 0.4 m45 package 10 pin 3 mm x 3 mm x 1 mm surface mount module figure 1: block diagram features ? hspa compliant ? ingap hbt technology ? high effciency: (r99 waveform) 39 % @ p out = +29 dbm 19 % @ p out = +17 dbm ? low quiescent current: 8 ma ? low leakage current in shutdown mode: <1 a ? internal voltage regulator ? integrated daisy chainable directional couplers with cpl in and cpl out ports ? optimized for a 50 ? system ? low profle miniature surface mount package ? rohs compliant package, 260 o c msl-3 applications ? wcdma/hspa pcs-band wireless handsets and data devices product description the AWU6602 help3 tm pa is a 3rd generation wcdma product for umts handsets. this pa incorporates anadigics help3 tm technology to provide low power consumption without the need for an external voltage regulator. a daisy chainable directional coupler is integrated in the module thus eliminating the need of external couplers. the device is manufactured on an advanced ingap hbt mmic technology offering state-of-the-art reliability, temperature stability, and ruggedness. there are two selectable bias modes that optimize effciency for different output power levels, and a shutdown mode with low leakage current, which increases handset talk and standby time. the self-contained 3 mm x 3 mm x 1 mm surface mount package incorporates matching networks optimized for output power, effciency, and linearity in a 50 ? system. aw u6602 1 2 3 4 5 10 9 8 7 6 v bat t rf in v mode2 (n/c) v mode 1 v en cp l ou t gn d cp l in rf ou t v cc bias control voltage regulation cp l gnd at slug (pad )
2 advanced product information - rev 0.4 05/2009 02 fire 2: pinot (ray op vie) abe 1: pin esription v bat t rf in v mode2 (n/c) v mode 1 v en 1 2 3 4 5 6 7 8 9 10 cp l ou t gn d cp l in rf ou t v cc 1 2 3 4 5 6 7 8 9 10 pin name description 1 v batt battery voltage 2 rf in rf input 3 v mode2 (n/c) no connection 4 v mode1 mode control voltage 1 5 v en pa enable voltage 6 cpl out coupler output 7 gnd ground 8 cpl in coupler input 9 rf out rf output 10 v cc supply voltage
advanced product information - rev 0.4 05/2009 AWU6602 3 electrical characteristics table 2: absolute minimum and maximum ratings stresses in excess of the absolute ratings may cause permanent damage. functional operation is not implied under these conditions. exposure to absolute ratings for extended periods of time may adversely affect reliability. table 3: operating ranges the device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defned in the electrical specifcations. notes: (1) for operation at v c c = +3.2 v, p o u t is derated by 0.5 db. parameter min max unit supply voltage (v ) battery voltage (v ) +6 control voltages (v , v ) rf input power (p ) storage temperature (t ) parameter min typ max unit comments operating frequency (f) 1850 supply voltage (v ) < enable voltage (v ) pa "shut down" mode control voltage (v ) low bias mode high bias mode rf output power (p ) r99 wcdma, hpm hspa (mpr=0), hpm r99 wcdma, lpm hspa (mpr=0), lpm 28.5 (1) (1) 16.5 (1) (1) 28 16 28 16 3gpp ts 34.121-1, rel 7 table c.11.1.3 case temperature (t )
4 advanced product information - rev 0.4 05/2009 02 table 4: electrical specifcations ? notes: (1) aclr and effciency measured at 1880 mhz. (2) noise measured at 1930 mhz to 1990 mhz. p out v mode1 gain 23 11.5 13.5 29 db +29.0 dbm +17 dbm 0 v 2.4 v /5dw0+riivhw - - -41 -42 dbc +29.0 dbm +17 dbm 0 v 2.4 v /5dw0+riivhw - - -52 -55 dbc +29.0 dbm +17 dbm 0 v 2.4 v 3rhugghgiilflhf 35 15 39 19 - - % +29.0 dbm +17 dbm 0 v 2.4 v 4lhvfhwuuhwft /r%ldv0rgh - 13 ma v mode1 = +2.4 v mode control current - 0.35 ma through v mode sl9 mode1 = +2.4 v deohuuhw - 0.35 ma through v enable pin batt current - 2.5 5 ma through v batt sl9 mode1 = +2.4 v /hdndhuuhw - 5 a v batt 99 cc 9 v enable 99 mode1 = 0 v 1rlvhl5hfhlh%dg - -137 -135 dbm/hz p out g%p9 mode1 = 0v - -140 dbm/hz p out g%p9 mode1 = +2.4 v +duprlfv 2fo irir - - -42 -35 -35 dbc p out +29.0 dbm input impedance - - vswr coupling factor - 20 - db directivity - 20 - db sulrv2wsw/hho doovsulrvrwswv - - -70 dbc p out +29.0 dbm edgordg95 2wriedgordg95 ssolhvrhudoorshudwl frglwlrv /rdgplvpdwfvwuhvvlwr permanent degradation or failure - - vswr ssolhvrhuioorshudwludh
advanced product information - rev 0.4 05/2009 AWU6602 5 application information to ensure proper performance, refer to all related application notes on the anadigics web site: http://www.anadigics.com shutdown mode the power amplifer may be placed in a shutdown mode by applying logic low levels (see operating ranges table) to the v voltages. bias modes the power amplifer may be placed in either a low bias mode or a high bias mode by applying the appropriate logic level (see operating ranges table) to v the bias control table lists the recommended modes of operation for various applications. v is not necessary for this pa. two operating modes are available to optimize current consumption. high bias/high power operating mode is for p levels 16 dbm. at around 17 dbm output power, the pa should be mode switched to medium/low power mode for lowest quiescent current consumption. table 5: bias control (umts) application p out levels bias mode v enable v mode1 v cc v b at t umts - med/low power (low bias mode) < low umts - high power (high bias mode) > +16 dbm optional lower v in low power mode < low shutdown shutdown figure 3: application circuit schematic c3 2.2 f ceramic rf in 1 6 8 (n/c) c6 gnd at slug 68 pf
6 advanced product information - rev 0.4 05/2009 AWU6602 figure 4: m45 package outline - 10 pin 3 mm x 3 mm x 1 mm surface mount module figure 5: branding specifcation - m45 package package outline 6602r llllnn bbbc c 1. anadigics l ogo size: none 2. pa rt number : 6602r 3. wa fer lo t number: llll = four digit lo t number nn = tw o digit w afer number 4. pin 1 indic at or: laser do t 5. b. o .m. # bbb 6. c ountr y c ode: cc = th -f or- thailand , tw -f or- t aiw an, ph -f or- phillipines, ch -f or- china, id -f or- indonesia, hk -f or- hong k ong 7. ty pe : arial size : 1.5-point co l or : laser
advanced product information - rev 0.4 05/2009 AWU6602 7 figure 6: recommended pcb layout information pcb and stencil design guideline
8 advanced product information - rev 0.4 05/2009 AWU6602 component packaging figure 7: tape & reel packaging table 6: tape & reel dimensions pin 1 package type tape width pocket pitch reel capacity max reel dia 3 mm x 3 mm x 1 mm
warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. important notice anadigics, inc. 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com e-mail: mktg@anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifcations contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. advanced product information - rev 0.4 000 9 AWU6602 ordering information order number temperature range package description component packaging AWU6602rm45q7 -30 o c to +90 o c rohs compliant 10 pin 3 mm x 3 mm x 1 mm surface mount module tape and reel, 2500 pieces per reel AWU6602rm45p9 -30 o c to +90 o c rohs compliant 10 pin 3 mm x 3 mm x 1 mm surface mount module partial tape and reel


▲Up To Search▲   

 
Price & Availability of AWU6602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X